Part Number Hot Search : 
ACTR30 DB301 ADG202 MK325B 75H60 GS101 2A165 84C10
Product Description
Full Text Search
 

To Download BL-PPW-CED-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMERICAN BRIGHT OPTOELECTRONICS CORP.
Preliminary NOVALED InGaN BL-PPx-CEx Series
*
Feature: 1. Super high brightness surface mount LED. 2. High flux output. 3. 120 viewing angle. 4. Compact package outline (LxW) of 6.0 x 6.0 mm. Ultra low height profile - 1.5 mm. 5. Designed for high current drive; typically 50 mA. 6. Low thermal resistance; Rth (js) = 20 K/W. 7. Compatible to both IR reflow soldering.
*
Package Dimension:
Solder Pad Design
Recommended Solder Pad Design For Better Heat Dissipation.
V.2 Page: 1 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Preliminary NOVALED InGaN BL-PPx-CEx Series
*
Optical Characteristics: at Ta=25C, If=50mA, Rja=100K/W.
Total Flux @ If=50mA Min (mlm) 2000 600 2500 Typ. (mlm) 2750 700 3000 Intensity @ If=50mA Min. (mcd) 715 180 715 Typ. (mcd) 1000 250 1000 120 Viewing Angle
Part Number
IV BINs
Color
BL-PPW-CED-C10 BL-PPB-CES-C10 BL-PPT-CES-C10
V1, V2, W1, W2 White S1, S2, T1, T2 Blue
V1, V2, W1, W2 True Green
IV Bins BL-PPW-CED-C10 BIN V1 BIN V2 BIN W1 BIN W2 BL-PPB-CES-C10 BIN S1 BIN S2 BIN T1 BIN T2 BL-PPT-CES-C10 BIN V1 BIN V2 BIN W1 BIN W2 Note:
Color White
Intensity @ If=50mA (mcd) Min Max
715 900 1125 1400 Blue/ 470nm 180 224 285 355 True Green/ 525nm 715 900 1125 1400
900 1125 1400 1800
224 285 355 450
900 1125 1400 1800
1. Luminous intensity is measured with an accuracy of 11%. 2. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
V.2 Page: 2 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
Preliminary
NOVALED InGaN BL-PPx-CEx Series
Electrical Characteristics (TA = 25 oC):
Vf @ If=50mA Vr @ Ir=10uA Min.(V) 5 5 5 Color White Blue True Green Typ. (V) 3.8 3.8 3.9 Max. (V) 4.2 4.2 4.2
Part Number BL-PPW-CED-C10 BL-PPB-CES-C10 BL-PPT-CES-C10
*
Absolute Maximum Ratings:
Maximum Value 50 5 125 -40 ... +100 -40 ... +100 250 Unit mA V C C C mW
Parameter DC forward current. Reverse voltage. LED junction temperature. Operating temperature. Storage temperature. Power dissipation
*
Wavelength Grouping: Group
Full W X Y
Color
BL-PPB; Blue
Wavelength distribution (nm)
464 - 476 464 - 468 468 - 472 472 - 476 519 - 537 519 - 525 525 - 531 531 - 537
BL-PPT; True Green
Full W X Y
Wavelength is measured with an accuracy of 1 nm.
V.2 Page: 3 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Preliminary NOVALED InGaN BL-PPx-CEx Series
*
BL-PPW: White Color Grouping
White Bin Structure
0.43 0.42 0.41 0.40
E3
0.39 0.38
E1
0.37 0.36 0.35 0.34 0.33 0.32
E4
C3
C4
E2
C1
A3
0.31 0.30 0.29 0.28 0.27 0.26 0.25 0.24 0.27
C2
A1
A4
A2
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
Chromaticity coordinate groups are measured with an accuracy of 0.01.
Bin A1
A2
A3
A4
C1
C2
C3
C4
Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy
0.2775 0.2732 0.2775 0.2557 0.2900 0.2939 0.2900 0.2764 0.3025 0.3146 0.3025 0.2971 0.3150 0.3354 0.3150 0.3179
W 0.2900 0.2939 0.2900 0.2764 0.3025 0.3146 0.3025 0.2971 0.3150 0.3354 0.3150 0.3179 0.3275 0.3561 0.3275 0.3386
0.2900 0.3114 0.2900 0.2939 0.3025 0.3321 0.3025 0.3146 0.3150 0.3529 0.3150 0.3354 0.3275 0.3736 0.3275 0.3561
0.2775 0.2907 0.2775 0.2732 0.2900 0.3114 0.2900 0.2939 0.3025 0.3321 0.3025 0.3146 0.3150 0.3529 0.3150 0.3354
Bin E1 Cx Cy E2 Cx Cy E3 Cx Cy E4 Cx Cy
0.3275 0.3561 0.3275 0.3386 0.3400 0.3768 0.3400 0.3593
X 0.3400 0.3768 0.3400 0.3593 0.3525 0.3975 0.3525 0.3800
0.3400 0.3943 0.3400 0.3768 0.3525 0.4150 0.3525 0.3975
0.3275 0.3736 0.3275 0.3561 0.3400 0.3943 0.3400 0.3768
V.2 Page: 4 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Preliminary NOVALED InGaN BL-PPx-CEx Series
*
Typical electro-optical characteristics curves:
Fig. 1 Relative Luminous Intensity vs. Forward Current. Fig. 2 Relative Luminous Flux vs. Forward Current.
Intensity vs. Forward Current Relative Intensity, normalised at If=50mA 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 If (mA)
Relative Luminous Flux vs Forward Current 1.4
Relative Luminous Flux, normalised at If=50mA
1.2 1 0.8 0.6 0.4 0.2 0 0 20 40 If (mA) 60 80 100
Fig. 3 Forward Current vs. Forward Voltage.
Forward Current vs Forward Voltage
120
Fig. 4 White Color vs. Forward Current
CxCy Value at Various of Forward Current 0.300
100 80
If (mA)
0.298 0.296 0.294
Cy
20 40 60 80 100
60 40 20 0 0 2 4 Vf (Volts) 6 8
0.292 0.290 0.288 0.286 0.284 0.288 0.290 Cx 0.292 0.294
Fig. 5 Radiation pattern.
30 o 20
o
Fig. 6 Dominant Wavelength vs Forward Current
Wavelength vs. Forward Current
10 o
0o 1.0
40 o
0.8
530 520 510 500 490 480 470 Blue 460 0 20 40 60
IF (mA)
0.6 50 o 0.4
Dom. WL (nm)
True Green
60 70
o
o
0.2
80 o 90
o
80
100
120
0
V.2 Page: 5 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Preliminary NOVALED InGaN BL-PPx-CEx Series Fig. 7 Recommended IR-Reflow Soldering Profile.
Classification Reflow Profile (JEDEC J-STD-020B)
275
250
235-240oC 10-30s Ramp-up 3 oC/sec max.
225
200
183 oC
60-150s
Temperature ( C)
o
175
150
125
Ramp-down 6 oC/sec max. Preheat 60-120s
100
75
50
360s max
25 0 50 100 150 200
Time (sec)
*
Taping And Orientation:
Reels come in quantity of 1000 units. Reel diameters are 330 mm.
V.2 Page: 6 of 6


▲Up To Search▲   

 
Price & Availability of BL-PPW-CED-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X